PART |
Description |
Maker |
9164 |
ACCEPTS ONE 14 OR 16-PIN S.O.I.C. or TWO 8-PIN SOICs DIRECT PIN OUT OR ADD ADDITIONAL COMPONENTS
|
List of Unclassifed Man...
|
74696-1014 |
2.00mm (.079) Pitch 5-Row VHDM-HSD Backplane Header, Guide Pin SignalModule, Pin End Version, 40 Circuits, Pin Length 5.15mm (.203)
|
Molex Electronics Ltd.
|
AMS05BS AMS04 AMS04AN AMS04AS AMS04BN AMS04BS AMS0 |
JT 18C 18#20 PIN WALL RECP JT 15C 14#20 1#16 PIN WALL REC JT 12C 8#20 4#16 PIN RECP JT 37C 37#22D PIN RECP VOLTAGE REFERENCES
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems]
|
BAR64-02L BAR64-02V BAR64-04T BAR64 BAR64-04 BAR64 |
PIN Diodes - RF Switch (High isolation) in ultra-small SC79 Package PIN Diodes - Diode for RX/TX Switches PIN Diodes - PIN Diode for RF switches (high isolation) RESISTOR; THK FILM CHIP, 500/200/500PPM/C UP TO 10/1M/10M CR1206 120 OHM Silicon PIN Diode 硅PIN二极
|
Infineon Technologies A... INFINEON[Infineon Technologies AG]
|
0746502511 74650-2511 |
2.00mm (.079) Pitch 8-Row VHDM-HSD Backplane Header, Guide Pin SignalModule, Pin End Version, 150 Circuits, Pin Length 4.75mm (.187)
|
Molex Electronics Ltd.
|
0746502512 74650-2512 |
2.00mm (.079) Pitch 8-Row VHDM-HSD Backplane Header, Guide Pin SignalModule, Pin End Version, 150 Circuits, Pin Length 6.25mm (.246)
|
Molex Electronics Ltd.
|
75198-1001 0751981001 |
2.00mm (.079) Pitch 8-Row VHDM? Lite Backplane Header, Guide Pin Signal Module,Pin End Version, 80 Circuits, Pin Length 4.75mm (.187)
|
Molex Electronics Ltd.
|
74980-2502 |
2.00mm (.079) Pitch 6-Row VHDM-HSD Backplane Header, Guide Pin SignalModule, Pin End Version, 100 Circuits, Pin Length 6.25mm (.246)
|
Molex Electronics Ltd.
|
0751982513 75198-2513 |
2.00mm (.079) Pitch 8-Row VHDM? Lite Backplane Header, Guide Pin Signal Module, Pin End Version, 200 Circuits, Pin Length 4.25mm (.167)
|
Molex Electronics Ltd.
|
1N4701-TAPE 1N4704C 1N4704A 1N4712D 1N4712C 1N4709 |
Diode Zener Single 14V 5% 500mW 2-Pin DO-35 Ammo Diode Zener Single 17V 2% 500mW 2-Pin DO-35 Diode Zener Single 17V 5% 2-Pin DO-7 Diode Zener Single 28V 1% 500mW 2-Pin DO-35 Diode Zener Single 28V 2% 500mW 2-Pin DO-35 Diode Zener Single 24V 1% 500mW 2-Pin DO-35 Diode Zener Single 18V 1% 500mW 2-Pin DO-35 Diode Zener Single 15V 1% 500mW 2-Pin DO-35 Diode Zener Single 18V 2% 500mW 2-Pin DO-35 Diode Zener Single 22V 1% 500mW 2-Pin DO-35 Diode Zener Single 25V 1% 500mW 2-Pin DO-35 Diode Zener Single 13V 1% 500mW 2-Pin DO-35 Diode Zener Single 3V 1% 500mW 2-Pin DO-35 Diode Zener Single 39V 1% 500mW 2-Pin DO-35 Diode Zener Single 5.6V 1% 500mW 2-Pin DO-35 Diode Zener Single 8.2V 1% 500mW 2-Pin DO-35
|
New Jersey Semiconductor
|
ARS35M AR35A AR35B AR35D AR35G AR35J AR35K AR35M A |
35.0 AMPS. High Current Plastic Silicon Rectifiers 35.0安培。大电流硅整流塑 AB 7C 2#12 5#16 PIN RECP ER 4C 4#16 PIN PLUG (4kV/6kV Versions); EN and UL Certificates; 3 Pinout Options, 3 Case Styles; Control Pin Option; Efficiency to 86%
|
Taiwan Semiconductor Co., Ltd. TSC[Taiwan Semiconductor Company, Ltd]
|
HSMP-4810 HSMP-3810 HSMP-3812 HSMP-3814 HSMP-3813 |
Surface Mount RF PIN Low Distortion Attenuator Diodes DEMO-HSMP38-XX · Demonstration Circuit Board HSMP-4810 · Low inductance PIN attenuator diode HSMP-481B · Low inductance PIN attenuator diode HSMP-381F · Low distortion PIN attenuator diode HSMP-3814 · Low distortion PIN attenuator diode HSMP-381C · Low distortion PIN attenuator diode HSMP-381E · Low distortion PIN attenuator diode HSMP-381B · Low distortion PIN attenuator diode HSMP-3813 · Low distortion PIN attenuator diode HSMP-3812 · Low distortion PIN attenuator diode HSMP-3810 · Low distortion PIN attenuator diode
|
http:// HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|